Part Number Hot Search : 
76STC04T SP5954 ST72F325 7447A 25055 C1008 ANTX1 C820K
Product Description
Full Text Search
 

To Download DDTA125TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1-ONLY SERIES) CA
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
Please click here to visit our online spice models database.
Features NEW PROD UCT
* * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistor, R1 only Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 2 and 3)
A C
TOP VIEW
SOT-23
B E C
Dim A B C D
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
B
Mechanical Data
* * * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: Date Code and Type Code: See Table Below & Page 4 Ordering Information: See Page 4 Weight: 0.008 grams (approximate)
E
D G H K J L
M
E G H J K L
R1
B
C
M
P/N DDTA113TCA DDTA123TCA DDTA143TCA DDTA114TCA DDTA124TCA DDTA144TCA DDTA115TCA DDTA125TCA
R1 (NOM) 1K 2.2K 4.7K 10K 22K 47K 100K 200K
Type Code P01 P03 P07 P12 P16 P19 P23 P25
All Dimensions in mm
E SCHEMATIC DIAGRAM
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) PD RJA TJ, TSTG Value -50 -50 -5 -100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. Halogen and Antimony Free. 3. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30335 Rev. 6 - 2
1 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) CA
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO Min -50 -50 -5 Typ Max -0.5 -0.5 Unit V V V A A IC = -50A IC = -1mA IE = -50A VCB = -50V VEB = -4V IC/IB = -10mA/-1mA IC/IB = -5mA/-0.5mA IC/IB = -2.5mA/-.25mA IC/IB = -1mA/-.1mA IC/IB = -5mA/-0.5mA IC/IB = -2.5mA/-.25mA IC/IB = -1mA/-0.1mA IC/IB = -.5mA/-.05mA IC = -1mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz DDTA113TCA DDTA123TCA DDTA143TCA DDTA114TCA DDTA124TCA DDTA144TCA DDTA115TCA DDTA125TCA Test Condition
NEW PRODUCT
Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current
Collector-Emitter Saturation Voltage
VCE(sat)
-0.3
V
DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
hFE R1 fT
100 -30
250 250
600 +30
% MHz
DS30335 Rev. 6 - 2
2 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) CA
(c) Diodes Incorporated
Typical Curves - DDTA114TCA
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 PD, POWER DISSIPATION (MILLIWATTS)
1
200
NEW PRODUCT
0.1
150
100
0.01
50
0 -50
0
50
100
150
0.001 0 40 10 20 30 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
IE = 0V
50
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1,000 hFE, DC CURRENT GAIN (NORMALIZED)
12
10 COB, CAPACITANCE (pF)
100
8
6
10
4
2
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0 0 5 10 15 20 25 30 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
100
10
IC, COLLECTOR CURRENT (mA)
10
1
Vin, INPUT VOLTAGE (V)
0 1 2 3 4 5 6 7 8 9 10
1
0.1
0.01
0.001 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30335 Rev. 6 - 2
3 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) CA
(c) Diodes Incorporated
Ordering Information (Note 4)
Device DDTA113TCA-7-F DDTA123TCA-7-F Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
DDTA143TCA-7-F DDTA114TCA-7-F DDTA124TCA-7-F DDTA144TCA-7-F DDTA115TCA-7-F DDTA125TCA-7-F
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
YM
2002 N Jan 1
2003 P Feb 2
2004 R Mar 3
2005 S Apr 4
2006 T May 5 Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30335 Rev. 6 - 2
4 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) CA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA125TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X